Part Number Hot Search : 
1050QA1 AT27C 1N4731 BEFTDE18 SF106 508AF 15KP70 C3602A
Product Description
Full Text Search
 

To Download 100500630001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abspulrichtung - reel off direction anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm coplanarity area of termination 0,1 mm 330 tape on reel packaging according to din iec 60286-3 verpackungseinheit: 220 stck verpackt im gurt nach din iec 60286-3 packaging unit: 220 pcs 12,15 ansaughaube hood 13,8 15,95 0,5 12,15 0,6 8,95 0,65 11 2,75 15,3 5,85 0,8 4,6 1,5 3,675 pcb-layout proposal 1) leiterplatten-layout vorschlag / 1) 2,6 0,03 0,85 0,8 3 0,8 0,03 11 0,9 0,03 9 3 x 3 = 0,65 8 4 x 2 = 2 1,5 0,85 0,7 0,75 4,45 a1 16 32 a1 ohne ansaughaube without hood a5 4 x 2 = 8 2 index mspeed copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be obse rved. a3 class l male con. smd, powerm. 10mm messerleiste smd, powerm. 10mm 100500630001 5:1 k 07.02.2014 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date 1) durchmesser des bohrers / drill tool


▲Up To Search▲   

 
Price & Availability of 100500630001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X